Part Number Hot Search : 
AM720 2368M 74HC7 SG588 N60CT 1609012 2SC3193 DAN202U
Product Description
Full Text Search
 

To Download HCGWA2H143YF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
HCGW Series
(Warranty of 2,000 hours at 85C)
Product Specifications Features * Product primarily designed for circuits requiring large energy momentarily like those for the uninterruptible power supply (UPS) and X-ray power supply * Capacitance improved by 40%, comparison with the HCGF6 model (smallest model)
Specifications Temperature range -10C ~ +85C 350 ~ 500 This current must be less than or equal to a smaller value of I=0.01CV and 7mA (20 , 5 minutes). (I: Leakage current, C: F), V: Rated voltage (VDC)
Product code : (Example) 450V 22,000 F20%
Ripple current correction coefficient
Ambient temperature (C)
HCGWA
Type of series
2W
223
Y
(F)
Case code
Code for rated voltage Code for capacitance Code for fixture (JIS symbol) (The last digit 3 indicates the number of 0s.)
*
( Y is the standard code but I may be used instead. N is used when no fixture is required.) (This code is required when multiple kinds of cases are available. For standard products, only the first letter is used. For example, F is used for F24R.)
*( ) Case code in parentheses : If two types of shape exist for the same rating, enter the first English letter of case code.
Attachment of legs * See page 43 for shapes and dimensions. * Product names in the Standard Units Rating Table correspond to the attachment legs for Type Y (Type I for o36 only), but Type I attachment legs may be used (Shape Code = I). * If attachment legs are not necessary, enter "N" for the attachment leg shape code. * Attachment legs will be delivered separately. Standard value and case size
Rated Voltage Capacitance Case size tand Ripple current Case code (Arms) oDXL(mm) V. DC (F) 20C,120Hz 40C,120Hz * 350V(2V) * * * * * * * * Rated Voltage Capacitance Case size tand Ripple current Case code (Arms) V. DC oDXL(mm) (F) 20C,120Hz 40C,120Hz * (2W) * * * * * * * * Product name Rated Voltage Capacitance Case size tand Ripple current Case code (Arms) oDXL(mm) V. DC (F) 20C,120Hz 40C,120Hz * (2G) * * * * * * * * Rated Voltage Capacitance Case size tand Ripple current Case code (Arms) V. DC oDXL(mm) (F) 20C,120Hz 40C,120Hz * (2H) * * * * * * * * Product name
Product name
Product name
Hitachi AIC Inc.
44


▲Up To Search▲   

 
Price & Availability of HCGWA2H143YF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X